Part Number Hot Search : 
2SA15 PA50R MB81C86 EM74XXX 01002 NJL5152M E0526S 3DD1300
Product Description
Full Text Search
 

To Download UPV1C101MFD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
PV
Miniature Sized, Low Impedance, High Reliability
series
Miniature sized low impedance series withstanding 5000 hours load life at +105C. Adapted to the RoHS directive (2002/95/EC).
PJ
Long Life
PV
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 55 ~ +105C 6.3 ~ 50V 0.47 ~ 390F 20% at 120Hz, 20C After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4 (A), whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
6.3 0.22
10 0.19 6.3 5
16 0.16 10 5
25 0.14 16 4
35 0.12 25 3
50 0.10 35 3 50 2
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Impedance ratio ZT / Z20 (MAX.) Z- 55C / Z+20C
Endurance
After 5000 hours' application of rated voltage at 105C, capacitors meet the characteristics requirements listed at right. After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed at right. Printed with white color letter on dark brown sleeve.
Capacitance change tan Leakage current
Within 30% of initial value 300% or less of initial specified value Initial specified value or less Within 20% of initial value 150% or less of initial specified value Initial specified value or less
Shelf Life
Capacitance change tan Leakage current
Marking
Radial Lead Type
Type numbering system (Example : 25V 47 F)
Sleeve (P.E.T.)
fD+0.5MAX.
fd
UP V 1 E 4 7 0 MGD
P 0.5
1 2 3 4 5 6 7 8 9 10 11 Configuration Capacitance tolerance (20%) Rated Capacitance (47F) Rated voltage (25V) Series name Type
(f6.3up )
Pressure relief vent
L+1.5MAX.
15MIN
4MIN
fD fd
P
5 6.3 8 2.0 2.5 3.5 0.5 0.5 0.6
(mm)
Configuration Pb-free leadwire fD Pb-free PET sleeve 5 FD 6.3 a 8 GD
* Frequency coefficient of rated ripple current (10kHz~200kHz=1)
390 220 150 100 68 47 33 22 15 10 0.68 0.47 0
Cap.(mF)
120Hz
300Hz
1kHz
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
0.5
0.6
0.7
0.8
0.9
1.0
Frequency coefficient
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PV
series
Dimensions
V(Code)
6.3 (0J)
10 (1A)
16 (1C)
25 (1E)
Item Cap.(F)
Co de
Case size Impedance Rated ripple Case size Impedance Rated ripple Case size Impedance Rated ripple Case size Impedance Rated ripple D x L (mArms) D x L (mArms) D x L (mArms) D x L (mArms) () MAX. () MAX. () MAX. () MAX. 20C/100kHz 105C/100kHz 20C/100kHz 105C/100kHz 20C/100kHz 105C/100kHz 20C/100kHz 105C/100kHz (mm) (mm) (mm) (mm)
33 39 47 56 68 82 100 120 150 180 220 270 330 390
330 390 470 560 680 820 101 121 151 181 221 271 331 391
5 x 11 5 x 11 6.3 x 11... 6.3 x 11... 6.3 x 11... ...8 x 11.5 ...8 x 11.5 ...8 x 11.5
1.50 1.10 0.83 0.66 0.51 0.41 0.34 0.29
150 175 225 250 285 370 405 445
5 x 11 5 x 11 6.3 x 11... 6.3 x 11... 6.3 x 11... 6.3 x 11... ...8 x 11.5 ...8 x 11.5 ...8 x 11.5
1.40 1.10 0.94 0.75 0.60 0.49 0.41 0.34 0.27
155 175 210 235 265 290 370 405 460
5 x 11 5 x 11 6.3 x 11... 6.3 x 11... 6.3 x 11... 6.3 x 11... ...8 x 11.5 ...8 x 11.5 ...8 x 11.5
1.40 1.10 0.85 0.71 0.60 0.49 0.39 0.34 0.27
155 175 220 240 265 290 375 405 460
5 x 11 5 x 11 6.3 x 11... 6.3 x 11... 6.3 x 11... 6.3 x 11... ...8 x 11.5 ...8 x 11.5 ...8 x 11.5
1.40 1.10 0.94 0.75 0.61 0.51 0.41 0.34 0.27
155 175 210 235 260 285 370 405 460
V(Code)
35 (1V)
50 (1H)
Item Cap.(F)
Co de
Case size Impedance Rated ripple Case size Impedance Rated ripple D x L (mArms) D x L (mArms) () MAX. () MAX. 20C/100kHz 105C/100kHz 20C/100kHz 105C/100kHz (mm) (mm)
..0.47 ..0.68 1... 1.5 2.2 3.3 4.7 6.8 10..... 12..... 15..... 18..... 22..... 27..... 33..... 39..... 47..... 56..... 68..... 82..... 100.......
R47 R68 010 1R5 2R2 3R3 4R7 6R8 100 120 150 180 220 270 330 390 470 560 680 820 101
5 x 11 5 x 11 6.3 x 11... 6.3 x 11... 6.3 x 11... 6.3 x 11... ...8 x 11.5 ...8 x 11.5 ...8 x 11.5
1.30 1.00 0.83 0.70 0.58 0.48 0.41 0.32 0.27
160 180 225 245 270 295 370 415 460
5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11... 6.3 x 11... 6.3 x 11... 6.3 x 11... ...8 x 11.5 ...8 x 11.5 ...8 x 11.5
32.0.... 22.0.... 15.0.... 11.0.... 7.00 4.60 3.10 2.50 2.00 1.70 1.30 1.10 0.91 0.74 0.60 0.50 0.42 0.35 0.28
..22 ..28 ..36 ..45 ..54 ..66 ..81 ..91 115 125 145 155 195 215 240 260 330 360 410
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UPV1C101MFD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X